PART |
Description |
Maker |
MAX8640ZEXT13 |
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
|
Maxim Integrated Products, Inc.
|
2SC3393 2SA1339 2SC3393R 2SC3393S 2SA1339T 2SC3393 |
High-Speed Switching Applications SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | SPAK TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 500MA I(C) | SPAK
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
MAX8640YEXT82T MAX8640YEXT10T MAX8640Y09 MAX8640Y |
Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products
|
HA7-2640-2 HA7-2645-5 HA2-2640-2 HA2-2645-5 HA-264 |
4MHz, High Supply Voltage Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, MBCY8 4MHz, High Supply Voltage Operational Amplifiers OP-AMP, 6000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CDIP8 4MHz/ High Supply Voltage Operational Amplifiers From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9104IRUNZ-T ISL9104AIRUNZ-T ISL9104 ISL9104A IS |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
|
Intersil Corporation
|
MIC5209-2.5YM MIC5209-2.5YS MIC5209-2.5YU MIC5209- |
500mA Low-Noise LDO Regulator IC REG LDO 500MA 5.0V LN TO263-5 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 500mA Low-Noise LDO Regulator
|
Micrel Semiconductor, Inc.
|
CM3019-33ST CM3019 CM3019-00 CM3019-00MA CM3019-00 |
Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mA的LDO稳压器的CMOS Micropower, 500mA Low Noise CMOS LDO Regulator 微功耗,低噪00mALDO稳压器的CMOS Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No Micropower, 500mA Low Noise LDO CMOS Regulator
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
LBS13503 |
135.4MHz SAW Filter 4MHz Bandwidth
|
SIPAT Co,Ltd
|
PJ5800 PJ5800CP PJ5800CW PJ5800CY PJ5815CP PJ5815C |
12V; 500mA CMOS low dropout voltage regulator 500mA CMOS Low Dropout Voltage Regulators
|
PROMAX-JOHNTON List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
LT1618 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter(恒定电流/恒定电压.4MHz,步升DC/DC变换
|
Linear Technology Corporation
|
MAX158907 MAX1589EZT120-T MAX1589ETT075 MAX1589ETT |
Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN Low-Input-Voltage, 500mA LDO Regulator with Active-Low RESET in SOT and TDFN 1.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
HA-2640 HA-2645 |
Op Amp, 4MHz, High Supply Voltage, 4mV Max Offset Voltage Op Amp, 4MHz, High Supply Voltage, 6mV Max Offset Voltage
|
Intersil
|